Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB939 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB939
Description  Silicon PNP epitaxial planar type Darlington
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB939 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB939 Datasheet HTML 1Page - Panasonic Semiconductor 2SB939 Datasheet HTML 2Page - Panasonic Semiconductor 2SB939 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SB939, 2SB939A
Silicon PNP epitaxial planar type Darlington
For midium-speed power switching
Complementary to 2SD1262 and 2SD1262A
s Features
q
High foward current transfer ratio hFE
q
High-speed switching
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–7
–12
–8
45
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB939
2SB939A
2SB939
2SB939A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
*
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = –60V, IE = 0
VCB = –80V, IE = 0
VEB = –7V, IC = 0
IC = –30mA, IB = 0
VCE = –3V, IC = –4A
VCE = –3V, IC = –8A
IC = –4A, IB = –8mA
IC = –4A, IB = –8mA
VCE = –10V, IC = – 0.5A, f = 1MHz
IC = –4A, IB1 = –8mA, IB2 = 8mA,
VCC = –50V
min
–60
–80
2000
500
typ
15
0.5
2
1
max
–100
–100
–2
10000
–1.5
–2
Unit
µA
mA
V
V
V
MHz
µs
µs
µs
2SB939
2SB939A
2SB939
2SB939A
*h
FE1 Rank classification
Rank
Q
P
hFE1
2000 to 5000 4000 to 10000
Internal Connection
B
C
E
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)


Similar Part No. - 2SB939

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB939 PANASONIC-2SB939 Datasheet
84Kb / 4P
   For Midium-Speed Power Switching
2SB939A PANASONIC-2SB939A Datasheet
84Kb / 4P
   For Midium-Speed Power Switching
More results

Similar Description - 2SB939

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1180 PANASONIC-2SB1180 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type darlington
2SB1502 PANASONIC-2SB1502 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington
2SB949 PANASONIC-2SB949 Datasheet
63Kb / 2P
   Silicon PNP epitaxial planar type Darlington
2SB1504 PANASONIC-2SB1504 Datasheet
90Kb / 3P
   Silicon PNP epitaxial planar type darlington
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
   Epitaxial Planar PNP Silicon Darlington Transistors
logo
Toshiba Semiconductor
2SB1617 TOSHIBA-2SB1617_06 Datasheet
148Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
List of Unclassifed Man...
SLA6010 ETC-SLA6010 Datasheet
373Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON, SILICON PNP EPITAXIAL PLANAR DARLINGTON
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_06 Datasheet
141Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
Sanken electric
SLA6050 SANKEN-SLA6050 Datasheet
237Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON SILICON PNP EPITAXIAL PLANAR DARLINGTON
logo
Panasonic Semiconductor
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com