Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24LC04N Datasheet(PDF) 6 Page - Integral Corp.

Part # IN24LC04N
Description  4K/8K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC04N Datasheet(HTML) 6 Page - Integral Corp.

Back Button IN24LC04N Datasheet HTML 2Page - Integral Corp. IN24LC04N Datasheet HTML 3Page - Integral Corp. IN24LC04N Datasheet HTML 4Page - Integral Corp. IN24LC04N Datasheet HTML 5Page - Integral Corp. IN24LC04N Datasheet HTML 6Page - Integral Corp. IN24LC04N Datasheet HTML 7Page - Integral Corp. IN24LC04N Datasheet HTML 8Page - Integral Corp. IN24LC04N Datasheet HTML 9Page - Integral Corp. IN24LC04N Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IN24LC04B/08B
Figure 5. Control Byte Allocation
WRITE OPERATION
Byte Write
Following the start condition from the master, the device code (4 bits), the block address (3 bits),
and the R/W bit which is a logic low is placed onto the bus by the master transmitter. This indicates
to the addressed slave receiver that a byte with a word address will follow after it has generated an
acknowledge bit during the ninth clock cycle. Therefore the next byte transmitted by the master is
the word address and will be written into the address pointer of the IN24LC04B/08B. After
receiving another acknowledge signal from the IN24LC04B/08B the master device will transmit the
data word to be written into the addressed memory location. The IN24LC04B/08B acknowledges
again and the master generates a stop condition. This initiates the internal write cycle, and during
this time the IN24LC04B/08B will not generate acknowledge signals (see Figure 6).
Page Write
The write control byte, word address and the first data byte are transmitted to the IN24LC04B/08B
in the same way as in a byte write. But instead of generating a stop condition the master transmits
up to sixteen data bytes to the IN24LC04B/08B which are temporarily stored in the on-chip page
buffer and will be written into the memory after the master has transmitted a stop condition. After
the receipt of each word, the four lower order address pointer bits are internally incremented by one.
The higher order seven bits of the word address remains constant. If the master should transmit
more than sixteen words prior to generating the stop condition, the address counter will roll over
and the previously received data will be overwritten. As with the byte write operation, once the stop
condition is received an internal write cycle will begin (see Figure 8).
Figure 6. Byte Write
6


Similar Part No. - IN24LC04N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
IN24LC08 INTEGRAL-IN24LC08 Datasheet
262Kb / 12P
   IN24LC08
IN24LC08D INTEGRAL-IN24LC08D Datasheet
262Kb / 12P
   IN24LC08
IN24LC08N INTEGRAL-IN24LC08N Datasheet
262Kb / 12P
   IN24LC08
More results

Similar Description - IN24LC04N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com