Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24LC02B Datasheet(PDF) 2 Page - Integral Corp.

Part # IN24LC02B
Description  2K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC02B Datasheet(HTML) 2 Page - Integral Corp.

  IN24LC02B Datasheet HTML 1Page - Integral Corp. IN24LC02B Datasheet HTML 2Page - Integral Corp. IN24LC02B Datasheet HTML 3Page - Integral Corp. IN24LC02B Datasheet HTML 4Page - Integral Corp. IN24LC02B Datasheet HTML 5Page - Integral Corp. IN24LC02B Datasheet HTML 6Page - Integral Corp. IN24LC02B Datasheet HTML 7Page - Integral Corp. IN24LC02B Datasheet HTML 8Page - Integral Corp. IN24LC02B Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IN24LC02B
Figure 1. Representative Block Diagram
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
Parameter
Value
VCC
7.0 V
All inputs and outputs w.r.t.Vss
-0.6V to Vcc + 1.0V
Storage temperature
-65
oC to +150oC
Ambient temp. with power applied
-40
oC to +85oC
Soldering temperature of leads (10 seconds)
+300
oC
ESD protection on all pins
> 4 kV
DC CHARACTERISTICS
Vcc = +2.5V to +5.5V: Tamb = -40
oC to +85oC
Parameter
Symbol
Min
Max
Units
Mode
WP, SCL and SDA pins:
High level input voltage
Low level input voltage
Hysteresis of Schmitt trigger inputs
Low level output voltage
VlH
VIL
VHYS
VOL
0.7VCC
-
0.05VCC
-
-
0.3VCC
-
0.40
V
V
V
V
Note 1
IOL = 3.0mA, VCC = 2.5V
Input leakage current
ILI
-10
10
µA VlN=0.1V to VCC
Output leakage current
ILO
-10
10
µA VOUT=0.1V to VCC
Pin capacitance (all inputs/outputs)
CIN
COUT
-
10
pF
VCC = 5.0V (Note 1)
Tamb =25
oC,Fclk =1MHz
Operating current
ICC WRITE
ICCREAD
-
-
3
1
mA
mA
VCC = 5.5V SCL =400 kHz
Standby current
ICCS
-
-
30
100
µA
µA
SDA=SCL=VCC=3.0V,
SDA=SCL=VCC=5.5V
2


Similar Part No. - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04B INTEGRAL-IN24LC04B Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BD INTEGRAL-IN24LC04BD Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BN INTEGRAL-IN24LC04BN Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04D INTEGRAL-IN24LC04D Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
More results

Similar Description - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
93LC56AB MICROCHIP-93LC56AB Datasheet
222Kb / 12P
   2K 2.5V Microwave Serial EEPROM
1997
logo
Panasonic Semiconductor
MN61113 PANASONIC-MN61113 Datasheet
45Kb / 6P
   2K-Bit EEPROMs
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com