Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24LC02B Datasheet(PDF) 8 Page - Integral Corp.

Part # IN24LC02B
Description  2K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC02B Datasheet(HTML) 8 Page - Integral Corp.

Back Button IN24LC02B Datasheet HTML 2Page - Integral Corp. IN24LC02B Datasheet HTML 3Page - Integral Corp. IN24LC02B Datasheet HTML 4Page - Integral Corp. IN24LC02B Datasheet HTML 5Page - Integral Corp. IN24LC02B Datasheet HTML 6Page - Integral Corp. IN24LC02B Datasheet HTML 7Page - Integral Corp. IN24LC02B Datasheet HTML 8Page - Integral Corp. IN24LC02B Datasheet HTML 9Page - Integral Corp. IN24LC02B Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IN24LC02B
Figure 8. Page Write
Figure 9. Current Address Read
Figure 10. Random Read
Sequential Read
Sequential reads are initiated in the same way as a random read except that after the IN24LC02B
transmits the first data byte, the master issues an acknowledge as opposed to a stop condition in a
random read. This directs the IN24LC02B to transmit the next sequentially addressed 8 bit word
(see Figure 11).
To provide sequential reads the IN24LC02B contains an internal address pointer which is
incremented by one at the completion of each operation. This address pointer allows the entire
memory contents to be serially read during one operation.
Noise Protection
The IN24LC02B employs a Vcc threshold detector circuit which disables the internal erase/write
logic if the Vcc is below 1,5 volts at nominal conditions.
The SCL and SDA inputs have Schmitt trigger and filter circuits which suppress noise spikes to
assure proper device operation even on a noisy bus.
8


Similar Part No. - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04B INTEGRAL-IN24LC04B Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BD INTEGRAL-IN24LC04BD Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BN INTEGRAL-IN24LC04BN Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04D INTEGRAL-IN24LC04D Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
More results

Similar Description - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
93LC56AB MICROCHIP-93LC56AB Datasheet
222Kb / 12P
   2K 2.5V Microwave Serial EEPROM
1997
logo
Panasonic Semiconductor
MN61113 PANASONIC-MN61113 Datasheet
45Kb / 6P
   2K-Bit EEPROMs
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com