Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24LC02B Datasheet(PDF) 4 Page - Integral Corp.

Part # IN24LC02B
Description  2K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC02B Datasheet(HTML) 4 Page - Integral Corp.

  IN24LC02B Datasheet HTML 1Page - Integral Corp. IN24LC02B Datasheet HTML 2Page - Integral Corp. IN24LC02B Datasheet HTML 3Page - Integral Corp. IN24LC02B Datasheet HTML 4Page - Integral Corp. IN24LC02B Datasheet HTML 5Page - Integral Corp. IN24LC02B Datasheet HTML 6Page - Integral Corp. IN24LC02B Datasheet HTML 7Page - Integral Corp. IN24LC02B Datasheet HTML 8Page - Integral Corp. IN24LC02B Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IN24LC02B
Figure 3. Bus timing Data
FUNCTIONAL DESCRIPTION
The IN24LC02B supports a bidirectional two wire bus and data transmission protocol. A device
that sends data onto the bus is defined as transmitter, and a device receiving data as receiver. The
bus has to be controlled by a master device which generates the serial clock (SCL), controls the bus
access, and generates the START and STOP conditions, while the IN24LC02B works as slave.
Both, master and slave can operate as transmitter or receiver but the master device determines
which mode is activated.
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus is not busy.
• During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in
the data line while the clock line is HIGH will be interpreted as a START or STOP condition.
Accordingly, the following bus conditions have been defined (see Figure 4).
Bus not Busy (A)
Both data and clock lines remain HIGH.
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the clock (SCL) is HIGH determines a START
condition. All commands must be preceded by a START condition.
Stop Data Transfer (C)
A LOW to HIGH transition of the SDA line while the clock (SCL) is HIGH determines a STOP
condition. All operations must be ended with a STOP condition.
Data Valid (D)
The state of the data line represents valid data when, after a START condition, the data line is stable
for the duration of the HIGH period of the clock signal.
The data on the line must be changed during the LOW period of the clock signal. There is one clock
pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of the data bytes transferred between the START and STOP conditions is determined by the
master device and is theoretically unlimited, although only the last sixteen will be stored when
doing a write operation. When an overwrite does occur it will replace data in a first in first out
fashion.
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of
each byte. The master device must generate an extra clock pulse which is associated with this
acknowledge bit.
4


Similar Part No. - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04B INTEGRAL-IN24LC04B Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BD INTEGRAL-IN24LC04BD Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BN INTEGRAL-IN24LC04BN Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04D INTEGRAL-IN24LC04D Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
More results

Similar Description - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
93LC56AB MICROCHIP-93LC56AB Datasheet
222Kb / 12P
   2K 2.5V Microwave Serial EEPROM
1997
logo
Panasonic Semiconductor
MN61113 PANASONIC-MN61113 Datasheet
45Kb / 6P
   2K-Bit EEPROMs
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com