Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB938 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB938
Description  Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB938 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB938 Datasheet HTML 1Page - Panasonic Semiconductor 2SB938 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB938, 2SB938A
Silicon PNP epitaxial planar type Darlington
For power amplification and switching
Complementary to 2SD1261 and 2SD1261A
s Features
q
High foward current transfer ratio hFE
q
High-speed switching
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–5
–8
–4
40
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB938
2SB938A
2SB938
2SB938A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE1
hFE2
*
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCB = –60V, IE = 0
VCB = –80V, IE = 0
VCE = –30V, IB = 0
VCE = –40V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –3V, IC = – 0.5A
VCE = –3V, IC = –3A
VCE = –3V, IC = –3A
IC = –3A, IB = –12mA
IC = –5A, IB = –20mA
VCE = –10V, IC = – 0.5A, f = 1MHz
IC = –3A, IB1 = –12mA, IB2 = 12mA
min
–60
–80
1000
2000
typ
15
0.3
2
0.5
max
–200
–200
–500
–500
–2
10000
–2.5
–2
–4
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SB938
2SB938A
2SB938
2SB938A
2SB938
2SB938A
*h
FE2 Rank classification
Internal Connection
Rank
Q
P
hFE2
2000 to 5000 4000 to 10000
B
C
E
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)


Similar Part No. - 2SB938

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB938 PANASONIC-2SB938 Datasheet
75Kb / 3P
   For Power Amplification And Switching
2SB938 PANASONIC-2SB938 Datasheet
291Kb / 6P
   Si PNP EPITAXIAL PLANAR
2SB938A PANASONIC-2SB938A Datasheet
75Kb / 3P
   For Power Amplification And Switching
2SB938A PANASONIC-2SB938A Datasheet
291Kb / 6P
   Si PNP EPITAXIAL PLANAR
2SB938AP PANASONIC-2SB938AP Datasheet
291Kb / 6P
   Si PNP EPITAXIAL PLANAR
More results

Similar Description - 2SB938

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB937 PANASONIC-2SB937 Datasheet
64Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB950 PANASONIC-2SB950 Datasheet
62Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1254 PANASONIC-2SB1254 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1418 PANASONIC-2SB1418 Datasheet
61Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1255 PANASONIC-2SB1255 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1492 PANASONIC-2SB1492 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1252 PANASONIC-2SB1252 Datasheet
75Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1490 PANASONIC-2SB1490 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1503 PANASONIC-2SB1503 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com