Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS87C1416B Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # HMS87C1416B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS87C1416B Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button HMS87C1416B Datasheet HTML 60Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 61Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 62Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 63Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 64Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 65Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 66Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 67Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
HMS87C1X04B/08B/16B
60
SEP. 2004 Ver 1.03
The interrupts are controlled by the interrupt master enable flag
I-flag (bit 2 of PSW), the interrupt enable register (IENH, IENL)
and the interrupt request flags (in IRQH, IRQL) except Power-on
reset and software BRK interrupt.
Interrupt enable registers are shown in Figure 16-2 . These regis-
ters are composed of interrupt enable flags of each interrupt
source, these flags determines whether an interrupt will be ac-
cepted or not. When enable flag is “0”, a corresponding interrupt
source is prohibited. Note that PSW contains also a master enable
bit, I-flag, which disables all interrupts at once.
Figure 16-2 Interrupt Enable Registers and Interrupt Request Registers
When an interrupt is occurred, the I-flag is cleared and disable
any further interrupt, the return address and PSW are pushed into
the stack and the PC is vectored to. Once in the interrupt service
routine the source(s) of the interrupt can be determined by polling
the interrupt request flag bits.
The interrupt request flag bit(s) must be cleared by software be-
fore re-enabling interrupts to avoid recursive interrupts. The In-
terrupt Request flags are able to be read and written.
Reset/Interrupt
Symbol Priority Vector Addr.
Hardware Reset
External Interrupt 0
External Interrupt 1
Timer 0
Timer 1
External Interrupt 2
External Interrupt 3
Timer 2
Timer 3
A/D Converter
Watch Dog Timer
Basic Interval Timer
Serial Interface
RESET
INT0
INT1
Timer 0
Timer 1
INT2
INT3
Timer 2
Timer 3
A/D C
WDT
BIT
SPI
-
1
2
3
4
5
6
7
8
9
10
11
12
FFFEH
FFFAH
FFF8H
FFF6H
FFF4H
FFF2H
FFF0H
FFEEH
FFECH
FFEAH
FFE8H
FFE6H
FFE4H
Table 16-1 Interrupt Priority
IENH
ADDRESS : E2H
RESET VALUE : 0000_0000
INT0E
INT1E
T0E
T1E
INT2E
INT3E
T2E
T3E
Interrupt Enable Register High
IENL
ADDRESS : E3H
RESET VALUE : 0000_----
ADE
WDTE
BITE
SPIE
-
-
-
-
Interrupt Enable Register Low
IRQH
ADDRESS : E4H
RESET VALUE : 0000_0000
INT0IF
INT1IF
T0IF
T1IF
INT2IF
INT3IF
T2IF
T3IF
Interrupt Request Register High
IRQL
ADDRESS : E5H
RESET VALUE : 0000_----
ADIF
WDTIF
BITIF
SPIF
-
-
-
-
Interrupt Request Register Low
0 : Disable
1 : Enable
Enables or disables the interrupt individually
If flag is cleared, the interrupt is disabled.
0 : Not occurred
1 : Interrupt request is occurred
Shows the interrupt occurrence


Similar Part No. - HMS87C1416B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1102 HYNIX-HMS87C1102 Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1102A HYNIX-HMS87C1102A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1104A HYNIX-HMS87C1104A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1202A HYNIX-HMS87C1202A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1204A HYNIX-HMS87C1204A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C1416B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com