Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS87C1416B Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # HMS87C1416B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS87C1416B Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button HMS87C1416B Datasheet HTML 43Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 44Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 45Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 46Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 47Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 48Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 49Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 50Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
HMS87C1X04B/08B/16B
SEP. 2004 Ver 1.03
43
11. Basic Interval Timer
The HMS87C1X04B/08B/16B has one 8-bit Basic Interval Tim-
er that is free-run, can not stop. Block diagram is shown in Figure
11-1 .The 8-bit Basic interval timer register (BITR) is increased
every internal count pulse which is divided by prescaler. Since
prescaler has divided ratio by 8 to 1024, the count rate is 1/8 to 1/
1024 of the oscillator frequency. As the count overflows from
FFH to 00H, this overflow causes to generate the Basic interval
timer interrupt. The BITIF is interrupt request flag of Basic inter-
val timer.
When write “1” to bit BTCL of CKCTLR, BITR register is
cleared to “0” and restart to count-up. The bit BTCL becomes “0”
after one machine cycle by hardware.
If the STOP instruction executed after writing “1” to bit WAKE-
UP of CKCTLR, it goes into the wake-up timer mode. In this
mode, all of the block is halted except the oscillator, prescaler
(only fxin
÷2048) and Timer0.
If the STOP instruction executed after writing “1” to bit RCWDT
of CKCTLR, it goes into the internal RC oscillated watchdog tim-
er mode. In this mode, all of the block is halted except the internal
RC oscillator, Basic Interval Timer and Watchdog Timer. More
detail informations are explained in Power Saving Function. The
bit WDTON decides Watchdog Timer or the normal 7-bit timer
Note: All control bits of Basic interval timer are in CKCTLR
register which is located at same address of BITR (address
ECH). Address ECH is read as BITR, written to CKCTLR.
Therefore, the CKCTLR can not be accessed by bit manip-
ulation instruction.
.
Figure 11-1 Block Diagram of Basic Interval Timer
Figure 11-2 CKCTLR: Clock Control Register
÷ 8
÷ 16
÷ 128
÷ 256
÷ 512
÷ 1024
÷ 32
÷ 64
0
1
MUX
8
3
fxin
BITR (8BIT)
BITIF
BTS[2:0]
RCWDT
Internal RC OSC
Basic Interval Timer
Interrupt
BTCL
Clear
To Watchdog Timer
Clock Control Register
CKCTLR
ADDRESS : ECH
RESET VALUE : -001_0111
-
WAKEUP RCWDT
WDTON
BTCL
BTS2
BTS1
BTS0
Basic Interval Timer Clock Selection
000 : fxin
÷ 8
001 : fxin
÷ 16
100 : fxin
÷ 128
101 : fxin
÷ 256
110 : fxin
÷ 512
111 : fxin
÷ 1024
010 : fxin
÷ 32
011 : fxin
÷ 64
Symbol
Function Description
WAKEUP
1 : Enables Wake-up Timer
0 : Disables Wake-up Timer
RCWDT
1 : Enables Internal RC Watchdog Timer
0 : Disables Internal RC Watchdog Time
WDTON
1 : Enables Watchdog Timer
0 : Operates as a 7-bit Timer
BTCL
1 : BITR is cleared and BTCL becomes “0” automatically
after one machine cycle, and BITR continue to count-up
Bit Manipulation Not Available


Similar Part No. - HMS87C1416B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1102 HYNIX-HMS87C1102 Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1102A HYNIX-HMS87C1102A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1104A HYNIX-HMS87C1104A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1202A HYNIX-HMS87C1202A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1204A HYNIX-HMS87C1204A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C1416B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com