Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS87C1416B Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # HMS87C1416B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS87C1416B Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button HMS87C1416B Datasheet HTML 38Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 39Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 40Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 41Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 42Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 43Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 44Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 45Page - List of Unclassifed Manufacturers HMS87C1416B Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
HMS87C1X04B/08B/16B
38
SEP. 2004 Ver 1.03
PORT
RBFUNC.4~0
Description
RB7/
TMR2OV
0
RB7 (Normal I/O Port)
1
Timer2 Overflow Output
RB6/EC1
0
RB6 (Normal I/O Port)
1
Event Counter 1 Input
RB5/
PWM1/
COMP1
0
RB5 (Normal I/O Port)
1
PWM1 Output /
Timer3 Compare Output
RB4/
PWM0/
COMP0
0
RB4 (Normal I/O Port)
1
PWM0 Output /
Timer1 Compare Output
RB3/INT1
0
RB3 (Normal I/O Port)
1
External Interrupt Input 1
RB2/INT0
0
RB2 (Normal I/O Port)
1
External Interrupt Input 0
RB1/BUZ
0
RB1 (Normal I/O Port)
1
Buzzer Output
RB0/AN0/
AVref
01
1. When ANSEL0 = “0”, this port is defined for normal I/O port
(RB0).
When ANSEL0 = “1” and ADS2~0 = “000”, this port
can be used Analog Input Port (AN0).
RB0 (Normal I/O Port)/
AN0 (ANSEL0=1)
12
2. When this bit set to “1”, this port defined for AVref, so it can
not be used Analog Input Port AN0 and Normal I/O
Port RB0.
External Analog Reference
Voltage


Similar Part No. - HMS87C1416B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1102 HYNIX-HMS87C1102 Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1102A HYNIX-HMS87C1102A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1104A HYNIX-HMS87C1104A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1202A HYNIX-HMS87C1202A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1204A HYNIX-HMS87C1204A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C1416B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com