Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA6107Q Datasheet(PDF) 4 Page - Integral Corp.

Part # ILA6107Q
Description  Triple video output amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA6107Q Datasheet(HTML) 4 Page - Integral Corp.

  ILA6107Q Datasheet HTML 1Page - Integral Corp. ILA6107Q Datasheet HTML 2Page - Integral Corp. ILA6107Q Datasheet HTML 3Page - Integral Corp. ILA6107Q Datasheet HTML 4Page - Integral Corp. ILA6107Q Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ILA6107Q
4
CHARACTERISTICS
Operating range: Tj = -20 to +150 °C; VDD = 180 to 210 V. Test conditions: Tamb = 25 °C; VDD = 200 V ;
Vo(c1) = Vo(c2) = Vo(c3) = ½ VDD; CL = 10 pF (CL consists of parasitic and cathode capacitance); Rth(h-a) = 18 K/W;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Iq
quiescent supply current
5.9
6.9
7.9
mA
Vref(int)
internal reference voltage
-
2.5
-
V
Rj
input resistance
-
3.6
-
k
G
amplifier
47.5
51.0
55.0
∆G
gain difference
-2.5
0
+2.5
Vo(c)
nominal output voltage at
pins 7, 8 and 9 (DC value)
Ii = 0 µA
116
129
142
V
∆Vo(c)(offset)
differential nominal output
offset voltage between pins
7 and 8, 8 and 9 and 9 and
7 (DC value)
Ii = 0 µA
-
0
5
V
∆Vo(c)(T)
output voltage temperature
drift at pins 7, 8 and 9
-
-10
-
mV/K
∆Vo(c)(T)(offset)
differential output offset
voltage temperature drift
between pins 7 and 8, 8
and 9 and 7 and 9
-
0
-
mV/K
Io(m)(offset)
offset current of
measurement output
Io(c) = 0 µA
1.5 V < Vi <5.5 V
3 V < Vo(m) < 6 V
-50
-
+50
µA
-100
µA < Io(c) < 100 µA
1.5 V < Vi <5.5 V
3 V < Vo(m) < 6 V
0.9
1.0
1.1
∆Io(m) / ∆Io(c)
linearity of current transfer
at CRT discharge;
Io(c) = 1 mA
1.5 V < Vi <5.5 V
3 V < Vo(m) < 5.4 V
-
1.0
-
Io(c)(max)
maximum peak output
current (pins 7, 8 and 9)
50 V < Vo(c) < VDD – 50
V
-
20
-
mA
Vo(c)(min)
minimum output voltage
(pins 7, 8 and 9)
Vi = 7.0 V
-
-
10
V
Vo(c)(max)
maximum output voltage
(pins 7, 8 and 9)
Vi = 1.0 V
VDD – 15 -
-
V
BS
small signal bandwidth
(pins 7, 8 and 9)
Vo(c) = 60 V (p-p)
-
5.5
-
MHz
BL
large signal bandwidth
(pins 7, 8 and 9)
Vo(c) = 100 V (p-p)
-
4.5
-
MHz
tPco
cathode output propagation
time 50% input to 50%
output (pins 7, 8 and 9)
Vo(c) = 100 V (p-p)
square wave; f < 1
MHz; tr = tf = 40 ns
(pins 1, 2 and 3);
-
60
-
ns
∆tPco
difference in cathode
output propagation time
50% input to 50% output
(pins 7and 8, 7 and 9 and 8
Vo(c) = 100 V (p-p)
square wave; f < 1
MHz; tr = tf = 40 ns
(pins 1, 2 and 3);
- 10
0
+ 10
ns


Similar Part No. - ILA6107Q

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA6083 IKSEMICON-ILA6083 Datasheet
105Kb / 7P
   PWM Power Control with Interference Suppression
More results

Similar Description - ILA6107Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Motorola, Inc
MHW3928 MOTOROLA-MHW3928 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
MHW3828 MOTOROLA-MHW3828 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com