Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS87C1508B Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # HMS87C1508B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS87C1508B Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button HMS87C1508B Datasheet HTML 66Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 67Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 68Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 69Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 70Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 71Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 72Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 73Page - List of Unclassifed Manufacturers HMS87C1508B Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
HMS87C1X04B/08B/16B
66
SEP. 2004 Ver 1.03
17. WATCHDOG TIMER
The purpose of the watchdog timer is to detect the malfunction
(runaway) of program due to external noise or other causes and
return the operation to the normal condition.
The watchdog timer has two types of clock source.
The first type is an on-chip RC oscillator which does not require
any external components. This RC oscillator is separate from the
external oscillator of the Xin pin. It means that the watchdog tim-
er will run, even if the clock on the Xin pin of the device has been
stopped, for example, by entering the STOP mode.
The other type is a prescaled system clock.
The watchdog timer consists of 7-bit binary counter and the
watchdog timer data register. When the value of 7-bit binary
counter is equal to the lower 7 bits of WDTR, the interrupt re-
quest flag is generated. This can be used as WDT interrupt or re-
set the CPU in accordance with the bit WDTON.
Note: Because the watchdog timer counter is enabled af-
ter clearing Basic Interval Timer, after the bit WDTON set to
“1”, maximum error of timer is depend on prescaler ratio of
Basic Interval Timer.
The 7-bit binary counter is cleared by setting WDTCL(bit7 of
WDTR) and the WDTCL is cleared automatically after 1 ma-
chine cycle.
The RC oscillated watchdog timer is activated by setting the bit
RCWDT as shown below.
The RC oscillation period is vary with temperature, VDD and
process variations from part to part (approximately, 40~120uS).
The following equation shows the RC oscillated watchdog timer
time-out.
TRCWDT=CLKRC×28×[WDTR.6~0]+(CLKRC×28)/2
where, CLKRC = 40~120uS
In addition, this watchdog timer can be used as a simple 7-bit tim-
er by interrupt WDTIF. The interval of watchdog timer interrupt
is decided by Basic Interval Timer. Interval equation is as below.
TWDT = [WDTR.6~0] × Interval of BIT
Figure 17-1 Block Diagram of Watchdog Timer
:
LDM
CKCTLR,#3FH; enable the RC-osc WDT
LDM
WDTR,#0FFH; set the WDT period
STOP
; enter the STOP mode
NOP
NOP
; RC-osc WDT running
:
÷ 8
÷ 16
÷ 128
÷ 256
÷ 512
÷ 1024
÷ 32
÷ 64
0
1
MUX
8
3
fxin
BITR (8-bit)
BTS[2:0]
RCWDT
Internal RC OSC
Basic Interval Timer
Interrupt
BTCL
Clear
Watchdog Timer
BITIF
7-bit Counter
WDTR (8-bit)
OFD
WDTCL
WDTON
Interrupt Request
CPU RESET
1
0
Clock Control Register
CKCTLR
ADDRESS : ECH
RESET VALUE : -001_0111
-
WAKEUP RCWDT
WDTON
BTCL
BTS2
BTS1
BTS0
-
0X
1
XXX
X
Watchdog Timer Register
WDTR
ADDRESS : EDH
RESET VALUE : 0111_1111
WDTCL
7-bit Watchdog Counter Register
Overflow Detection
Bit Manipulation Not Available
Bit Manipulation Not Available


Similar Part No. - HMS87C1508B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1102 HYNIX-HMS87C1102 Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1102A HYNIX-HMS87C1102A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1104A HYNIX-HMS87C1104A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1202A HYNIX-HMS87C1202A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1204A HYNIX-HMS87C1204A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C1508B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com