Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS87C1616B Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # HMS87C1616B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS87C1616B Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button HMS87C1616B Datasheet HTML 58Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 59Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 60Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 61Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 62Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 63Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 64Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 65Page - List of Unclassifed Manufacturers HMS87C1616B Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
HMS87C1X04B/08B/16B
58
SEP. 2004 Ver 1.03
port (PORT RA and RB0) pins. When A/D conversion is per-
formed with any of pins AN0 to AN7 selected, be sure not to ex-
ecute a PORT input instruction while conversion is in progress,
as this may reduce the conversion resolution.
Also, if digital pulses are applied to a pin adjacent to the pin in the
process of A/D conversion, the expected A/D conversion value
may not be obtainable due to coupling noise. Therefore, avoid ap-
plying pulses to pins adjacent to the pin undergoing A/D conver-
sion.
(4) AVref pin input impedance
A series resistor string of approximately 10K
Ω is connected be-
tween the AVref pin and the VSS pin.
Therefore, if the output impedance of the reference voltage
source is high, this will result in parallel connection to the series
resistor string between the AVref pin and the VSS pin, and there
will be a large reference voltage error.


Similar Part No. - HMS87C1616B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1102 HYNIX-HMS87C1102 Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1102A HYNIX-HMS87C1102A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1104A HYNIX-HMS87C1104A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1202A HYNIX-HMS87C1202A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1204A HYNIX-HMS87C1204A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C1616B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com