Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YA-471M Datasheet(PDF) 6 Page - HuaXinAn Electronics CO.,LTD

Part No. YA-471M
Description  Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

YA-471M Datasheet(HTML) 6 Page - HuaXinAn Electronics CO.,LTD

  YA-471M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD YA-471M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD YA-471M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD YA-471M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD YA-471M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD YA-471M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
12 Taping 包装 :
Mark 符号
W
P
T
Z
L1-L2
S
t
L
D1
D
Dimension(mm) 52±2.0
5.0±0.5 6.0±1.0 1.2 max 1.0 max 0.8 max 3.2 max 6.7±1.0
Φ0.5
Φ3.1±0.5
13 Package 装箱 :
Item 项目
Length
Width
Height
数量
Quantity
A=255mm
B=75mm
C=68mm
1500pcs
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
5
Revised:May 29,2015
www.huaandz.com
Tel:+86-755-27465585


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn