Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MISM-7 Datasheet(PDF) 3 Page - Littelfuse

Part No. MISM-7
Description  7mm Surface Mount Reed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MISM-7 Datasheet(HTML) 3 Page - Littelfuse

  MISM-7 Datasheet HTML 1Page - Littelfuse MISM-7 Datasheet HTML 2Page - Littelfuse MISM-7 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
littelfuse.com
© 2020 Littelfuse
Revised: 12/08/20
Specifications are subject to change without notice.
Surface Mount Reed Switches
Ultra-Miniature > MISM-7
Tape Dimensions mm (inch)
Reel Dimensions mm (inch)
MISM-7 7mm Surface Mount Reed Switch
Dimensions
Dimensions in mm
Note: Land pattern is Littelfuse recommendation only.
User is responsible for proper PCB design.
2x 1.00 ± .15
2x 1.20 ± .10
2X 3.25 TYP
2X 1.12
8.60
(1.66)
1.66
1.72
7.00 Max
2.28 Max
ø1.80 Max
Leads Need to be Flat ±5°
.15
6.35±.60
10.20 ± .30
12.60 ± .30
.02 Min
2x .84 ± .10
2x 1.91 ± .10
2X 3.25 TYP
2X 1.12 TYP
8.60
(1.64)
1.64
1.53
7.00 Max
2.28 Max
ø1.80 Max
Leads Need to be Flat ±5°
.15
6.86±.51
9.90
+.00
- .25
13.72
+.00
- .25
.02 Min
Recommended Land Pattern
Recommended Land Pattern
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn