Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSP-25-AS-SD Datasheet(PDF) 1 Page - Festo Corporation.

Part No. HSP-25-AS-SD
Description  Pick and place machine
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FESTO [Festo Corporation.]
Homepage  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HSP-25-AS-SD Datasheet(HTML) 1 Page - Festo Corporation.

  HSP-25-AS-SD Datasheet HTML 1Page - Festo Corporation. HSP-25-AS-SD Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSP-25-AS-SD
Part number: 533622
Data sheet
Feature
Value
Size
25
Y-stroke
130 mm ... 170 mm
Z-stroke
50 mm ... 70 mm
Z working stroke
25 mm
Type code
HSP
Cushioning
Pneumatic shock absorber at both ends
Soft characteristic curve
Mounting position
Guide rail
Vertical
Design
Actuator shaft
Cross guide
Positively driven motion sequence
Position sensing
For proximity sensor
Protection against torsion/guide
Cross guide
Minimum cycle time
1 s
Repetition accuracy
±0.02 mm
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Max. driving torque on actuator shaft
5 Nm
Max. axial force at actuator shaft
50 N
Max. torque Mx dynamic
3.2 Nm
Max. static moment Mx
15 Nm
Max. torque My dynamic
3.2 Nm
Max. static moment My
15 Nm
Max. torque Mz dynamic
3.2 Nm
Max. static moment Mz
15 Nm
Max. payload
1.5 kg
Max. radial force on actuator shaft
120 N
Theoretical force at 6 bar
65 N
Product weight
7400 g
Front unit mounting
With through-hole
Type of mounting
With through-hole
With slot nuts
Note on materials
Free of copper and PTFE
Base plate material
Wrought aluminum alloy
Cross guide material
Tempered steel
2/16/21 - Subject to change - Festo AG & Co. KG
1/2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn