Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XCSM3702L1 Datasheet(PDF) 1 Page - Schneider Electric

Part No. XCSM3702L1
Description  safety limit switch XCSM - metal - roller plunger - 2 NC 1 NO - cable 1 m
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSM3702L1 Datasheet(HTML) 1 Page - Schneider Electric

  XCSM3702L1 Datasheet HTML 1Page - Schneider Electric XCSM3702L1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb 8, 2021
1
Product data sheet
Characteristics
XCSM3702L1
safety limit switch XCSM - metal - roller plunger
- 2 NC + 1 NO - cable 1 m
Main
Range of product
Preventa Safety detection
Product or component
type
Safety limit switch
Component name
XCSM
Design
Miniature
Material
Metal
Head type
Plunger head
Protection technology
Plastic protective cover, secured by 5-lobe socket
head safety screw
Type of approach
Lateral approach
Type of operator
Roller plunger
Contacts type and
composition
1 NC + 1 NC + 1 NO
Contact operation
Slow-break, break before make
Complementary
Electrical connection
Pre-cabled
Cable length
1 m
Cable composition
7 x 0.5 mm²
Switch actuation
By 30° cam
Fixing mode
By the body
Number of poles
3
Positive opening
With NC contact
Mechanical durability
10000000 cycles
Minimum force for tripping
7 N
Positive opening minimum force
35 N
Minimum actuation speed
6 m/min
Maximum actuation speed
0.5 m/s
Contact code designation
B300, AC-15 (Ue = 240 V, Ie = 1.5 A) conforming to EN 60947-5-1
B300, AC-15 (Ue = 240 V, Ie = 1.5 A) conforming to EN/IEC 60947-5-1 appendix
A
R300, DC-13 (Ue = 250 V, Ie = 0.1 A) conforming to EN 60947-5-1
R300, DC-13 (Ue = 250 V, Ie = 0.1 A) conforming to EN/IEC 60947-5-1 appendix
A
[Ui] rated insulation voltage
300 V conforming to UL 508
400 V (pollution degree 3) conforming to IEC 60947-5-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
IEC 60664 4 kV
IEC 60947-1 4 kV
Maximum resistance across terminals
25 MOhm conforming to IEC 60255-7 category 3
Short-circuit protection
6 A cartridge fuse type gG (gl)
Repeat accuracy
0.05 mm on the tripping points
Body material
Zamak
Head material
Zamak
Depth
16 mm
Height
70 mm
Width
30 mm
Net weight
0.17 kg


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn