Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSP-12-AP-SD Datasheet(PDF) 1 Page - Festo Corporation.

Part No. HSP-12-AP-SD
Description  Pick and place machine
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FESTO [Festo Corporation.]
Homepage  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HSP-12-AP-SD Datasheet(HTML) 1 Page - Festo Corporation.

  HSP-12-AP-SD Datasheet HTML 1Page - Festo Corporation. HSP-12-AP-SD Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSP-12-AP-SD
Part number: 533600
Data sheet
Feature
Value
Size
12
Y-stroke
52 mm ... 68 mm
Z-stroke
20 mm ... 30 mm
Z working stroke
15 mm
Type code
HSP
Cushioning
Pneumatic shock absorber at both ends
Soft characteristic curve
Mounting position
Guide rail
Vertical
Mode of operation
Double-acting
Design
Cross guide
Swivel module
Positively driven motion sequence
Position sensing
For proximity sensor
Protection against torsion/guide
Cross guide
Operating pressure
4 bar ... 8 bar
Minimum cycle time
0.6 s
Repetition accuracy
±0.01 mm
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Max. torque Mx dynamic
1.1 Nm
Max. static moment Mx
5 Nm
Max. torque My dynamic
1.1 Nm
Max. static moment My
5 Nm
Max. torque Mz dynamic
1.1 Nm
Max. static moment Mz
5 Nm
Max. payload
0.5 kg
Theoretical force at 6 bar
40 N
Product weight
2600 g
Front unit mounting
With through-hole
Type of mounting
With through-hole
With slot nuts
Pneumatic connection
M5
Note on materials
Free of copper and PTFE
Base plate material
Wrought aluminum alloy
Cross guide material
Tempered steel
2/16/21 - Subject to change - Festo AG & Co. KG
1/2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn