Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RU30P5H Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part No. RU30P5H
Description  P-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU30P5H Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  RU30P5H Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU30P5H Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU30P5H Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU30P5H Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU30P5H Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU30P5H Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU30P5H Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU30P5H Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
10
20
30
40
50
60
0
25
50
75
100
125
150
TC - CaseTemperature (°C)
Power, Junction-to-Case
0
15
30
45
60
75
0
25
50
75
100
125
150
TC - Case Temperature (ºC)
Power, Junction-to-Ambient
0
0.5
1
1.5
2
0
25
50
75
100
125
150
TA - Ambient Temperature (ºC)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU30P5H
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn