Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RU30L30M3 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part No. RU30L30M3
Description  P-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU30L30M3 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RU30L30M3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Low Thermal Resistance PowerPAK®
Package with Small Size and Low 1.07 mm
Profile
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch
Adaptor Switch
Notebook PC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
e,f
Qg (Typ.)
- 30
0.0075 at VGS = - 10 V
-35
24.6 nC
0.0105 at VGS = - 4.5V
- 30
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c.Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
d.Package limited.
e.Based on T C = 25 °C
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 35
A
TC = 70 °C
- 30
TA = 25 °C
- 14.4a, b
TA = 70 °C
- 11.5a, b
Pulsed Drain Current
IDM
- 60
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 35e
TA = 25 °C
- 3.2a, b
Avalanche Current
L = 0.1 mH
IAS
- 25
Single-Pulse Avalanche Energy
EAS
31.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
52.1
W
TC = 70 °C
3.3
TA = 25 °C
3.8a, b
TA = 70 °C
2.4a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260
S
G
D
P-Channel MOSFET
Top View
1
2
3
4
8
7
6
5
DFN 3x3 EP
Top View
Bottom View
Pin 1
Typ.
,
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU30L30M3
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn