Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RU1L002SNTL Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part No. RU1L002SNTL
Description  N-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU1L002SNTL Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  RU1L002SNTL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU1L002SNTL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU1L002SNTL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU1L002SNTL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU1L002SNTL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU1L002SNTL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU1L002SNTL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU1L002SNTL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
1
10
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
THERMAL RATINGS (TA= 25 °C, unless otherwise noted)
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C )
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU1L002SNTL
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn