Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RU1J002YNTL Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part No. RU1J002YNTL
Description  N-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU1J002YNTL Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  RU1J002YNTL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU1J002YNTL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU1J002YNTL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU1J002YNTL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU1J002YNTL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU1J002YNTL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU1J002YNTL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU1J002YNTL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.2
0.4
0.6
0.8
1.0
012
345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V
3 V
5 V
4 V
6 V
7 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
200
400
600
800
1000
ID - Drain Current (mA)
VGS = 4.5 V
VGS = 10 V
0
1
2
3
4
5
6
7
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VDS = 10 V
ID = 250 mA
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
300
600
900
1200
0123456
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C
0
8
16
24
32
40
0
5
10
15
20
25
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VGS = 0 V
0.0
0.4
0.8
1.2
1.6
2.0
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 10 V at 500 mA
VGS = 4.5 V
at 200 mA
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU1J002YNTL
3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn