Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RU1H35L Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part No. RU1H35L
Description  N-Channel 100-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU1H35L Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  RU1H35L Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Source-Drain Diode Forward Voltage
Single Pulse Power, Junction-to-Ambient
0
5
10
15
20
0
204060
80
100
ID =20A
Qg - Total Gate Charge (nC)
VDS = 80 V
VDS =50 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD -Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
0
60
120
180
240
300
Time (s)
10
1000
0.1
0.01
0.001
100
1
TA = 25 °C
On-Resistance vs. Junction Temperature
Threshold Voltage
Single Pulse Power, Junction-to-Case
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
125
150
175
TJ -Junction Temperature (°C)
ID =15A
VGS =10 V
- 2.3
- 1.8
- 1.3
- 0.8
- 0.3
0.2
0.7
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
TJ - Temperature (°C)
ID =5mA
0
100
200
300
400
500
600
10
1
1
0
0
.
00.01
Time (s)
0.1
TC = 25 °C
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU1H35L
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn