Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTW060N03 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part No. RTW060N03
Description  N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RTW060N03 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  RTW060N03 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
15
30
45
60
75
100
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 4 V
VGS = 3 V
VGS = 2 V
0
100
200
300
400
500
600
0
1020
3040
5060
70
8090
ID - Drain Current (A)
TC = - 55 °C
TC = 25 °C
TC = 125 °C
0
500
1000
1500
2000
3000
0
6
12
18
24
30
Crss
VDS - Drain-to-Source Voltage (V)
Coss
Ciss
Transfer Characteristics
RDS(on) vs. Drain Current
Gate Charge
0.0
0.6
1.2
1.8
2.4
3.0
01234
GS - Gate-to-Source Voltage (V)
TC = 25 °C
- 55 °C
TC = 125 °C
V
0
0.00
3
0.00
5
0.00
7
0.0
10
0
153045607590
VGS = 4.5 V
ID - Drain Current (A)
VGS = 10 V
0
2
4
6
8
10
0
30
60
90
120
150
180
ID = 32 A
Qg - Total Gate Charge (nC)
VDS = 15 V
VDS = 24 V
RTW060N03
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn