Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTW060N03 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part No. RTW060N03
Description  N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RTW060N03 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  RTW060N03 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RTW060N03 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
RDS(on) vs. VGS vs. Temperature
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
175
VGS = 10 V, ID = 32 A
TJ - Junction Temperature (°C)
VGS = 4.5 V, ID = 29.8 A
0.000
0.001
0.002
0.003
0.004
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 32 A
TA = 125 °C
TA = 25 °C
Forward Diode Voltage vs. Temperature
Threshold Voltage
VSD - Source-to-Drain Voltage (V)
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
TJ = 25 °C
TJ = 150 °C
0.8
1.2
1.6
2.0
2.4
2.8
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
TJ - Temperature (°C)
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
1000
10
0.1
1
10
100
0.1
100
1
10 ms
TA = 25 °C
Single Pulse
100 ms
1 s
100 µs
1 ms
DC
Limited by rDS(on)*
0.01
0.001
10 s
BVDSS Limited
RTW060N03
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn