Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSU002N06T106 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part No. RSU002N06T106
Description  N-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RSU002N06T106 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RSU002N06T106 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RSU002N06T106 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RSU002N06T106 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RSU002N06T106 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RSU002N06T106 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RSU002N06T106 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RSU002N06T106 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RSU002N06T106 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
Low On-Resistance: 2
Ω
Low Threshold: 2 V (typ.)
Low Input Capacitance: 25 pF
Fast Switching Speed: 25 ns
Low Input and Output Leakage
TrenchFET® Power MOSFET
1200V ESD Protection
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Low Offset Voltage
Low-Voltage Operation
Easily Driven Without Buffer
High-Speed Circuits
Low Error Voltage
APPLICATIONS
Direct Logic-Level Interface: TTL/CMOS
Drivers: Relays, Solenoids, Lamps, Hammers, Display,
Memories, Transistors, etc.
Battery Operated Systems
Solid-State Relays
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (mA)
60
2 at VGS = 10 V
300
Notes:
a. Pulse width limited by maximum junction temperature.
b. Surface Mounted on FR4 board.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
b
TA = 25 °C
ID
300
mA
TA = 100 °C
190
Pulsed Drain Currenta
IDM
800
Power Dissipationb
TA = 25 °C
PD
0.35
W
TA = 100 °C
0.14
Maximum Junction-to-Ambientb
RthJA
350
°C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate
Source
Drain
Top View
SOT-323
SC-70 (3-LEADS)
G
S
D
1
2
3
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RSU002N06T106
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn