Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSS085N05-TB Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part No. RSS085N05-TB
Description  N-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RSS085N05-TB Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  RSS085N05-TB Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RSS085N05-TB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
VSD - Source-to-Drain Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
60
10
1
TJ = 150 °C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
VGS - Gate-to-Source Voltage (V)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
02468
10
125 °C
25 °C
ID = 12.4 A
0
30
50
10
20
Time (s)
1
600
10
40
0.1
0.001
100
0.01
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
DC
1s
10 s
Limited byRDS(on)*
1ms
BVDSS
Limited
100 µs
10 ms
100 ms
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RSS085N05-TB
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn