Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSS070N05TB1 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part No. RSS070N05TB1
Description  N-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RSS070N05TB1 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RSS070N05TB1 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RSS070N05TB1 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
Synchronous Rectification
POL, IBC
- Secondary Side
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
d
Qg (Typ.)
40
0.012 at VGS = 10 V
12
15 nC
0.012 at VGS = 4.5 V
9
D
S
D
D
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
S
S
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under Steady State conditions is 85 °C/W.
d. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12
A
TC = 70 °C
8
TA = 25 °C
12.4a, b
TA = 70 °C
8.8a, b
Pulsed Drain Current
IDM
50
Avalanche Current
L = 0.1 mH
IAS
15
Avalanche Energy
EAS
11
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5
A
TA = 25 °C
2.1a, b
Maximum Power Dissipation
TC = 25 °C
PD
6
W
TC = 70 °C
3.8
TA = 25 °C
2.5a, b
TA = 70 °C
1.6a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 10 s
RthJA
37
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RSS070N05TB1
1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn