Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSS065N03-TB Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part No. RSS065N03-TB
Description  N-Channel 20V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RSS065N03-TB Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  RSS065N03-TB Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
0
246
8
10
VGS =10thru 6 V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
0.005
0.007
0.009
0.011
0.013
0.015
0
10203040
50
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
04
8
12
16
VDS = 15 V
ID = 11 A
VDS =10 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 25 °C
TC = 125 °C
TC =- 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
300
600
900
1200
0
6
12
18
24
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V
VGS =10 V
ID = 11 A
TJ -Junction Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RSS065N03-TB
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn