Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSS065N03-TB Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part No. RSS065N03-TB
Description  N-Channel 20V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RSS065N03-TB Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RSS065N03-TB Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RSS065N03-TB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 20V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
Optimized for High-Side Synchronous
Rectifier Operation
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Notebook CPU Core
- High-Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.0
12 at VGS = 10 V
1
2
6.
1 nC
0.01
5 at VGS = 4.5 V
1
1
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Base on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
1
2
A
TC = 70 °C
1
1
TA = 25 °C
1
0b, c
TA = 70 °C
8b, c
Pulsed Drain Current
IDM
47
Continuous Source-Drain Diode Current
TC = 25 °C
IS
3.
7
TA = 25 °C
2.
0b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
2
0
Avalanche Energy
EAS
2
1
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.
1
W
TC = 70 °C
2.
5
TA = 25 °C
2.
2b, c
TA = 70 °C
1.
3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
3
9
5
5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
2
5
2
9
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RSS065N03-TB
1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn