Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GLS93SPXXXG1 Datasheet(PDF) 4 Page - Greenliant systems

Part No. GLS93SPXXXG1
Description  Industrial Temp SD / microSD ArmourDrive EX Series
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GREENLIANT [Greenliant systems]
Homepage  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS93SPXXXG1 Datasheet(HTML) 4 Page - Greenliant systems

  GLS93SPXXXG1 Datasheet HTML 1Page - Greenliant systems GLS93SPXXXG1 Datasheet HTML 2Page - Greenliant systems GLS93SPXXXG1 Datasheet HTML 3Page - Greenliant systems GLS93SPXXXG1 Datasheet HTML 4Page - Greenliant systems GLS93SPXXXG1 Datasheet HTML 5Page - Greenliant systems GLS93SPXXXG1 Datasheet HTML 6Page - Greenliant systems GLS93SPXXXG1 Datasheet HTML 7Page - Greenliant systems GLS93SPXXXG1 Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Factsheet 01.000
October 2019
These specifications are subject to change without notice.
10/18/2019
© 2019 Greenliant
4
S71486-01
GLS93SPxxxG1 / GLS93MPxxxG1
Industrial Temp SD / microSD ArmourDrive™ EX Series
3.0
APPENDIX
3.1
Product Ordering Information
GLS 93 xP
xxx
G1 - I - BZ8xx
XX XX
XXX XX - X - XXXXX
Ordering Code
BZ8xx = SD / microSD ArmourDrive
Revision
Operating Temperature
I = Industrial: -40°C to +85°C
NAND Configuration
1 = 1 bit per cell
GByte Designator
G = GByte
Capacity
008 = 8 GByte
016 = 16 GByte
032 = 32 GByte
064 = 64 GByte
Product Generation
P = Generation
Form Factor
S = SD
M = microSD
Product Family
93 = SD / micro SD ArmourDrive


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn