Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GLS93SPXXXG3 Datasheet(PDF) 1 Page - Greenliant systems

Part No. GLS93SPXXXG3
Description  Industrial Temp SD / microSD ArmourDrive PX Series
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GREENLIANT [Greenliant systems]
Homepage  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS93SPXXXG3 Datasheet(HTML) 1 Page - Greenliant systems

  GLS93SPXXXG3 Datasheet HTML 1Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 2Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 3Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 4Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 5Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 6Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 7Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Factsheet 01.000
October 2019
These specifications are subject to change without notice.
10/18/2019
© 2019 Greenliant
1
S71477-01
GLS93SPxxxG3 / GLS93MPxxxG3
Industrial Temp SD / microSD ArmourDrive™ PX Series
Features
• Industry Standard Interface
SD Specification Version 6.10 compliant
Supports secure digital (SD) and serial
peripheral interface (SPI) protocols
• Performance
Class 10 Speed performance rating (based on
SD 6.10 Specification)
Bus speed mode (using 4 parallel data lines)*
SDR12: 1.8V signaling (up to 25 MHz) up to
12.5MB/sec
SDR25: 1.8V signaling (up to 50 MHz) up to
25MB/sec
SDR50: 1.8V signaling (up to 100 MHz) up to
50MB/sec
SDR104: 1.8V signaling (up to 208 MHz) up
to 104MB/sec
DDR50: 1.8V signaling (up to 50 MHz,
sampled on both clock edges) up to 50MB/sec
*timing in 1.8V signaling differs from that of 3.3V signaling
Sequential data read / write:
Up to 95 MB/s / Up to 30 MB/s**
**measured using 128 KByte transfer size
• Power Management
3.3V power supply
2.7V ~ 3.6V operating voltage range with
2 Type signaling (1.8V and 3.3V)
• Power Consumption
Active mode: < 400 mA
Standby mode: < 1 mA
• ESD Protection
+4KV/-4KV (contact pads)
• Reliability
Mean Time Between Failures (MTBF):
More than 3 million hours
• Data Protection
Content Protection for Recordable Media
(CPRM) support (optional)
Password protection (optional)
• Built-in ECC
Uses advanced bit error detection and
correction optimized for 3D NAND
• SSD Lifespan Monitoring
Enables SMART command-based alerts
indicating the remaining useful product life
and device information
• NAND Configuration
3 bits per cell (3D TLC NAND)
• Endurance
3K P/E cycles
• Operating Temperature Range
Industrial: -40°C to 85°C
• SD and microSD Card Form Factors
SD card: 32 x 24 x 2.1 mm
microSD card: 15 x 11 x 1.0 mm
• Capacity
High Capacity SD / microSD Card
(SDHC / microSDHC): 32GB
Extended Capacity SD Card / microSD Card
(SDXC / SDXC): 64GB, 128GB, 256GB
• All Devices are RoHS Compliant
Product Description
The GLS93SP032G3 / 064G3 / 128G3 / 256G3 (SD
form factor) and GLS93MP032G3 / 064G3 / 128G3 /
256G3 (microSD form factor) Industrial Temperature
SD / microSD ArmourDrive™ PX Series (referred to
as “SD/microSD ArmourDrive” in this factsheet) are
high-performance, low-power flash memory cards.
They combine 32, 64, 128 or 256 GBytes of NAND
flash memory with an advanced NAND controller in
standard SD and microSD card form factors.
SD/microSD ArmourDrive is ideal for applications that
require hot-swappable, small form factor data storage
with high shock-resistance. SD/microSD cards are
widely used in transportation systems, industrial
automation, vending and gaming machines, medical
computing, professional video and photo cameras,
set-top boxes and point-of-sales (POS) equipment.
These industrial removable memory cards surpass
consumer memory cards in their security, reliability
and ruggedness.
The NAND flash controller with built-in advanced
NAND management firmware communicates with the
host through the standard SD / SPI protocol. It does
not require any additional or proprietary software such
as
the
Flash
File
System
(FFS)
and
Memory
Technology Driver (MTD). The firmware effectively
optimizes
the
use
of
NAND
flash
memory’s
program/erase (P/E) cycles and minimizes write
amplification.
SD/microSD
ArmourDrive’s
advanced
NAND
management
technology
improves
endurance,
enhances data security and helps prevent data loss
during unexpected power loss events. This innovative
technology
combines
robust
NAND
controller
hardware error correction capabilities with advanced
wear-leveling algorithms and bad block management
to improve data reliability and significantly extend the
life of the product.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn