Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GLS93SPXXXG3 Datasheet(PDF) 5 Page - Greenliant systems

Part No. GLS93SPXXXG3
Description  Industrial Temp SD / microSD ArmourDrive PX Series
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GREENLIANT [Greenliant systems]
Homepage  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS93SPXXXG3 Datasheet(HTML) 5 Page - Greenliant systems

  GLS93SPXXXG3 Datasheet HTML 1Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 2Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 3Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 4Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 5Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 6Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 7Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Factsheet 01.000
October 2019
These specifications are subject to change without notice.
10/18/2019
© 2019 Greenliant
5
S71477-01
GLS93SPxxxG3 / GLS93MPxxxG3
Industrial Temp SD / microSD ArmourDrive™ PX Series
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1: SD ArmourDrive Product Valid Ordering Numbers
Capacity
Operating Temperature
Part Number
Form Factor
32GB
Industrial (-40°C to 85°C)
GLS93SP032G3-I-BZ802
SD card
64GB
Industrial (-40°C to 85°C)
GLS93SP064G3-I-BZ802
SD card
128GB
Industrial (-40°C to 85°C)
GLS93SP128G3-I-BZ802
SD card
256GB
Industrial (-40°C to 85°C)
GLS93SP256G3-I-BZ802
SD card
Table 3-2: microSD ArmourDrive Product Valid Ordering Numbers
Capacity
Operating Temperature
Part Number
Form Factor
32GB
Industrial (-40°C to 85°C)
GLS93MP032G3-I-BZ800
microSD card
64GB
Industrial (-40°C to 85°C)
GLS93MP064G3-I-BZ800
microSD card
128GB
Industrial (-40°C to 85°C)
GLS93MP128G3-I-BZ800
microSD card
256GB
Industrial (-40°C to 85°C)
GLS93MP256G3-I-BZ800
microSD card


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn