Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR3040CT Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MUR3040CT
Description  ULTRAFAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MUR3040CT Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MUR3040CT Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR3040CT Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR3040CT Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APPLICATIONS
high frequency and ultra high frequency circuits, respectively
• High forward surge capability
• High reliability
FEATURES
• High current capability
• Low power losses,High efficiency
• For use in low voltage, high frequency inverters
ULTRAFAST RECOVERY RECTIFIERS
• High speed switching capability
Primary Characteristic
IO
V
2*15A
MUR3040CT/FCT/DC
Fast recovery diode, mainly used for rectification, used in high-power
equipment,The express and ultrafast recovery diodes are suitable for
MECHANICAL DATA
• Case: Molded plastic
TO-220F/FCT
TO-220AB/CT
TO-263/DC
Per Leg
Total
Characteristics
Maximum DC Blocking Voltage
V
VDC
400
150℃
Assembly code
400
400
TJ
Maximum Repetitive Peak Reverse Voltage
TO-220AB,TO-263
TO-220F
IFSM
320
A
• Lead free in compliance with EU RoHS 2011/65/EU directive
Storage Temperature Range
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
VRRM
Unit
V
TJmax
Operating Temperature Range
Peak Forward Surge Current,8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
RθJC
°C/W
TSTG
Typical Thermal Resistance (Note1)
°C
°C
2
4
Maximum Average Forward Rectified Current
IO
A
15
30
Symbol
Value
VRWM
V
Working Peak Reverse Voltage
VRRM
IFSM
VF
400V
320A
0.91V
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
• Solder bath temperature 275℃ maximum,10s per JESD 22-B106
• Polarity: As marked
150
-40 to +150
• Mounting Position: Any
• Molded Plastic: UL Flammability Classification Rating 94V-0
TA=25°C
TA=125°C
TA=25°C
TA=125°C
TA=25°C
TA=125°C
TA=25°C
TA=125°C
10.00
-
0.84
-
µA
Note2:Pulse test: 300 µs pulse width, 1 % duty cycle
0.68
Maximum Reverse Recovery Time at IF=0.5A, IR=1A, IRR=0.25A
Trr
-
35.00
ns
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
µA
Symbol
at IF=15A
Forward Voltage Drop(Note2)
VF
Typ.
at IF=5A
1.06
Max.
at IF=3A
Maximum Reverse Current at VR=400V
IR
0.90
-
0.74
-
1.00
0.10
-
0.90
-
1.39
Value
V
Unit
X X
http://www.trr-jx.com
version: 02


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn