Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR1060CD Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MUR1060CD
Description  Fast Recovery Epi Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MUR1060CD Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MUR1060CD Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR1060CD Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR1060CD Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High frequency operation
High surge forward current capability
High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
ns
Maximum Reverse Recovery Time
trr
(2)
(1)P.C.B. mounted with 10cm x 10cm x 1mm copper pad areas.
Measured with I = 0.5 A, I = 1 A, I = 0.25 A.
F
R
rr
(2)
Maximum DC Blocking Voltage
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
V
V
V
10
-55 ~ +150
A
A
V
uA
°C
Units
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous
Forward Voltage at 5 A DC Per diode
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
T = 25
°C
a
T =125
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Tj
SYMBOL
Tstg
Storage Temperature Range
-55 ~ +150
°C
50
50
Typical Thermal Resistance
°C/W
RθJA
(1)
10
100
600
600
420
MUR1060CD
1.60
35
MUR1060CD
Fast Recovery Epi Diodes
Reverse Voltage – 600 Volts
Forward Current – 10 Amperes
Typical Junction Capacitance
f=1MHz,4V DC
pF
Cj
45
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified
R HS
o
COMPLIANT
1
1
1
1
1
3
2
4
=
TO-252W(D-PAK)
http://www.trr-jx.com
version: 02


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn