Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR1020 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MUR1020
Description  Superfast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MUR1020 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MUR1020 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR1020 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3. Thermal resistance from Junction to case.
PARAMETER
SYMBOL
UNITS
Maximum Recurrent P eak Reverse Voltage
V
RRM
Maximum RMS Voltage
V
RMS
Maximum D C Blocking Voltage
V
DC
200
Maximum Average Fo rward C urrent at T
C = 1 0 0 C
O
F(AV )
I
1 0
A
Peak Fo rward S urge C urrent : 8.3ms si ngle half si ne-wave
superimposed on rated load (JEDEC method)
I
FSM
80
A
Maxi mum F orward Vo ltage at 10A
V
F
Maximum DC Reverse Current at Rated DC Blocking
Voltage
T
J=2 5
O
C
T
J=1 2 5
O
C
I
R
10
500
μ
A
Typical Junction C apacitance (Note 1)
C
J
2 0 0
pF
Maximum Reverse Recovery Time (Note 2 )
t
rr
3 5
ns
Typical Thermal Resistance (Note 3)
R
θ
JC
3
O
C /
W
Operating Junction and S torage Temperature Range
T
J,TSTG
-55 to +150
O
C
V
1.0
1 . 3
1 . 7
MUR1020
MUR1040
MUR1060
• Plastic package has Underwriters Laboratory
0
Low power loss, high efficiency.
• High surge capability
• Ultra fast recovery time,high voltage.
Lead free in comply with EU RoHS.
• Case:
• Terminals: solder plated, solderable per
• Polarity: As marked.
• Mounting Position: Any
Low forward voltage, high current capability.
ITO-220AC
FEATURES
MECHANICAL DATA
Superfast Recovery Rectifiers
MUR1020 THRU MUR1060
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
200
400
140
280
400
600
V
420
V
600
V
C
E
G
B
A
H
F
O
I
M
L
D
K
All Dimensions in millimeter
ITO-220AC
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
10.40
9.90
8.85
8.05
1.10
1.4
0.45
5.05
J
I
0.95
4.95
0.65
0.40
14.90
15.90
6.45
6.95
O
M
L
K
2.85
2.50
2.45
2.85
2.90
3.90
12.8
--
4.35
4.80
3.00
3.50
J
Flammability Classification 94V- . Flame
Retardant Epoxy Molding Compound.
ITO-220AC molded plastic
MIL-STD-750, Method 2026
http://www.trr-jx.com
version: 02


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn