Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR820 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MUR820
Description  Superfast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MUR820 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MUR820 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR820 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR820 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0. Flame Retardant Epoxy Molding Compound.
Low power loss, high efficiency.
• High surge capability
• Ultra fast recovery time,high voltage.
Lead free in comply with EU RoHS.
• Case: I
TO-220AC molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Low forward voltage, high current capability.
NOTES:
1.. Reverse Rcovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
2.. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounte
PARAMETER
SYMBOL
MUR820
MUR840
MUR860
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
Maximum RMS Voltage
V
RMS
Maximum DC Blocking Voltage
V
DC
Maximum Average Forward Rectified Current at T
C=100
O
C
F(AV)
I
8A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
I
FSM
80
A
Maximum Forward Voltage at 8A
V
F
1
1.3
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
T
J=25
O
C
O
T
J=125 C
I
R
10
500
A
Maximum Thermal Resistance (Note 2)
R
JC
5
O
C / W
Typical Junction Capacitance
C
J
80
50
pF
Maximum Reverse Recovery Time (Note 1)
t
rr
35
ns
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
1.7
TO/
ITO-220AC
TO-220AC
FEATURES
MECHANICAL DATA
Superfast Recovery Rectifiers
200
400
600
V
420
V
600
V
200
400
140
280
MUR820 THRU MUR860
http://www.trr-jx.com
version: 02


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn