Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR30200L Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MBR30200L
Description  Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MBR30200L Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MBR30200L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MBR30200L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
Characteristics
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
200
V
Working Peak Reverse Voltage
VRWM
200
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Average Forward Rectified Current
Per Leg
IO
15
A
Total
30
Peak Forward Surge Current,8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
380
A
Operating Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-40 to +150
°C
Typical Thermal Resistance (Note1)
Rθ
JC
°C/W
ITO-220AB
4
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
Symbol
Value
Unit
Forward Voltage Drop(Note2)
VF
Typ.
Max.
V
at IF=5A
TA=25°C
0.73
-
TA=125°C
0.58
-
at IF=10A
TA=25°C
0.76
-
TA=125°C
0.62
-
at IF=15A
TA=25°C
0.84
0.89
TA=125°C
0.69
-
Maximum Reverse Current at VR=200V
TA=25°C
IR
1.5
10
µA
TA=125°C
1
-
mA
Note2:Pulse test: 300 µs pulse width, 1 % duty cycle
MBR30200L
Low VF Schottky Barrier Rectifiers
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
MECHANICAL DATA
• Polarity: As marked.
• Mounting Position: Any
• Case:
molded plastic
C
E
G
B
A
H
F
1
2
3
O
I
M
J
L
D
K
PIN 1
PIN 3
PIN 2
All Dimensions in millimeter
ITO-220AB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
10.40
9.90
8.75
1.10
1.4
0.45
2.55
J
I
0.95
2.35
0.65
0.40
14.90
15.90
O
M
L
K
3.10
2.60
2.55
3.15
2.90
3.90
12.8
--
4.35
4.75
3.00
3.50
6.45
7.15
7.85
• Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
ITO- 220AB
ITO-220AB


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn