Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR30100L Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MBR30100L
Description  Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MBR30100L Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MBR30100L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MBR30100L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR30100L
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
MECHANICAL DATA
• Polarity: As marked.
• Mounting Position: Any
• Case:
molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
TO-220AB
TO- 220AB
J
M
K
L
H
H
PIN
All Dimensions in millimeter
TO-220AB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
O
M
L
K
J
I
2.35
1.45
1.25
PIN 1
PIN 3
PIN 2
1
2
3
14.50
15.50
3.65
3.95
2.90
3.90
12.80
--
1.10
1.40
2.55
0.45
0.95
4.35
4.75
10.40
9.90
G
I
C
B
O
E
0.65
0.40
6.35
6.65
2.55
3.15
8.75
7.85
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Low VF Schottky Barrier Rectifiers
http://www.trr-jx.com
version: 02
Characteristics
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified
Current
Per Leg
IO
15
A
Total
30
Peak Forward Surge Current,8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
250
A
Operating Temperature Range
TJ
-50 to +150
°C
Storage Temperature Range
TSTG
-50 to +150
°C
Typical Thermal Resistance (Note1)
RθJC
°C/W
TO-220AB,TO-263
2
TO-220F
4
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Characteristics
Symbol
Value
Unit
Forward Voltage Drop(Note2)
VF
Typ.
Max.
V
at IF=5A
TA=25°C
0.50
-
TA=125°C
0.44
-
at IF=10A
TA=25°C
0.58
0.66
TA=125°C
0.56
-
at IF=15A
TA=25°C
0.67
0.73
TA=125°C
0.63
-
Maximum Reverse Current at VR=100V
TA=25°C
IR
10
70
µA
TA=125°C
8
-
mA
Note2:Pulse test: 300 µs pulse width, 1 % duty cycle


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn