Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR3040 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MBR3040
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MBR3040 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MBR3040 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MBR3040 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS 2011/65/EU directives
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PARAMETER
SYMBOL
MB R
MB R
MB R
MB R
MBR
MB R
MB R
MBR
MB R
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
40
45
50
60
80
90
100
150
200
V
Maximum RMS Voltage
V
RMS
28
31.5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
V
DC
40
45
50
60
80
90
100
150
200
V
Maximum Average Forward Current
I
F(AV)
30
A
Peak Forward Surge Current:8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method)
I
FSM
200
A
Maximum Forward Voltage at 15A per leg
V
F
0.55
0 .85
0 . 9
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
T
J=2 5
O
C
T
J=1 2 5
O
C
I
R
0.05
20
mA
Typical Thermal Resistance
R
θ
JC
1.4
O
C / W
Operating Junction and Storage Temperature
Range
T
J,TSTG
O
C
-5 5 to + 1 50
-55 to + 175
MBR3040 THRU MBR30200
Schottky Barrier Rectifiers
3040
3045
3050
3060
3080
3090
30100
30150
30200
0.7
5
FEATURES
MECHANICAL DATA
http://www.trr-jx.com
version: 02
http://www.trr-jx.com
version: 02
C
E
G
B
A
H
F
1
2
3
O
I
M
J
L
D
K
PIN 1
PIN 3
PIN 2
All Dimensions in millimeter
ITO-220AB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
10.40
9.90
8.75
1.10
1.4
0.45
2.55
J
I
0.95
2.35
0.65
0.40
14.90
15.90
O
M
L
K
3.10
2.60
2.55
3.15
2.90
3.90
12.8
--
4.35
4.75
3.00
3.50
6.45
7.15
7.85
ITO- 220AB
• Polarity: As marked.
• Mounting Position: Any
• Case:
molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
ITO-220AB


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn