Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR1040 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. MBR1040
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MBR1040 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MBR1040 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MBR1040 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PARAMETER
SYMBOL
UNITS
Maxi mum Recurrent Peak Reverse Voltage
VRRM
4 0
4 5
5 0
6 0
8 0
100
150
200
V
Maxi mum RMS Voltage
VRMS
2 8
31.5
3 5
4 2
5 6
7 0
105
140
V
Maxi mum DC Blocking Voltage
VDC
4 0
4 5
5 0
6 0
8 0
100
150
200
V
Maximum Average Forward Current (See fig.1)
IF(AV)
1 0
A
Peak Forward Surge Current : 8.3ms single half sine-
wave superi mposed on rated load (JEDEC method)
IFSM
1
10
A
Maxi mum Forward Voltage at 5A , per leg
VF
0.6
0.75
0.85
0.92
V
Maxi mum DC Reverse Current at Rated DC
T =25 OC
Blocki ng Voltage
T =125 OC
IR
0.
05
20
mA
Typical Thermal Resistance
RΘ JC
3
OC / W
1
00
0.
02
20
MBR1040 THRU MBR10200
Schottky Barrier Rectifiers
1080
MBR
MBR
MBR
MBR
MBR
MBR
MBR
MBR
10100
10150
10200
1040
1045
1050
1060
Operati ng and Storage Juncti on Temperature Range
TJ,TSTG
-55 to + 150
-55 to + 175
OC
http://www.trr-jx.com
version: 02
C
E
G
B
A
H
F
1
2
3
O
I
M
J
L
D
K
PIN 1
PIN 3
PIN 2
All Dimensions in millimeter
ITO-220AB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
10.40
9.90
8.75
1.10
1.4
0.45
2.55
J
I
0.95
2.35
0.65
0.40
14.90
15.90
O
M
L
K
3.10
2.60
2.55
3.15
2.90
3.90
12.8
--
4.35
4.75
3.00
3.50
6.45
7.15
7.85
ITO- 220AB
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
MECHANICAL DATA
• Polarity: As marked.
• Mounting Position: Any
• Case:
molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
ITO-220AB


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn