Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMB22F Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. KMB22F
Description  Surface Mount Schottky Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KMB22F Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KMB22F_V01 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB22F_V01 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMB22F-KMB210F
Major Ratings and Characteristics
Features
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case:
MBF molded plastic body over
Schottky barrier chips
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity:
Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
KMB22F KMB24F KMB26F KMB28F KMB210F
UNIT
VRRM
20
40
60
80
100
V
VRMS
14
28
42
56
70
V
VDC
20
40
60
80
100
V
IF(AV)
A
IFSM
A
VF
0.50
0.55
0.70
V
IR
mA
CJ
pF
RθJA
RθJL
/ W
TJ
TSTG
Note:1.Thermal resistance from junction to ambient and from junction to lead P.C.B.mounted on 0.2×0.2"(5.0×5.0mm)copper pad areas.
125 °C
Storage temperature range
Typical Thermal resistance (Note1)
Operating junction temperature range
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
Maximum instantaneous forward voltage at 2.0A
Tj max.
Maximum repetitive peak reverse voltage
85
20
–55 to +125
– 55 to +150
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
Typical Junction Capacitance at 4.0V,1.0MHz
250
0.5
20
125
50
0.85
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.2×0.2"(5.0×5.0mm)copper pad area
2.0
IF(AV)
VRRM
IFSM
VF
2.0 A
20 V to 100 V
50 A
0.50 V, 0.55V,0.70 V, 0.85V
Surface Mount Schottky Bridge Rectifiers
http://www.trr-jx.com
version: 02


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn