Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMB12J Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. KMB12J
Description  Surface Mount Schottky Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KMB12J Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KMB12J_V01 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB12J_V01 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB12J_V01 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Schottky Barrier Die Construction
Low Forward Voltage Drop
Low Leakage Current
High Forward Surge Capability
Designed for Surface Mount Application
Plastic Material - UL Flammability 94V -O
Case: SOF2-4 Molded Plastic
Terminals: Solder plated, Solderable per
J-STD-002B and JESD22-B102D
Polarity: As Marked on body
Marking: Type Number
Lead Free: For ROHS/Leadfree Version
IF(AV)
1.0 A
VRRM
20 V to 200 V
IFSM
25 A
IR
500 μA
VF
0.55,0.70,0.85,0.95 V
Tj max.
125 °C
Maximum Ratings & Thermal Characteristics(T
A = 25 °C unless otherwise noted)
Single Phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
VRRM
20
40
60
80
100
150
200
V
VRMS
14
28
42
56
70
105
140
V
VDC
20
40
60
80
100
150
200
V
IF(AV)
A
TJ, TSTG
1):Mounted on glass epoxy P.C.B with 1.2×1.5mm
2 pads。
Electrical Characteristics(T
A = 25 °C unless otherwise noted)
VF
2):Pulse test: 300μS pulse width,1% duty cycle.
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
1)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
25
A
Operating junction and storage temperature range
–55 to +125
Symbol
UNIT
Test conditions
Items
Instantaneous forward voltage
IF=1.0A
2)
IR
0.5
10
Symbol
Items
mA
TA = 100℃
Reverse current
TA = 25 ℃
Mechanical Date
Major Ratings and Characteristics
Surface Mount Schottky Bridge Rectifiers
KMB12J~KMB120J
SOF2-4J
KMB
12J
KMB
14J
KMB
16J
KMB
18J
KMB
100J
KMB
150J
KMB
120J
KMB
12J
KMB
14J
KMB
16J
KMB
18J
KMB
100J
KMB
150J
KMB
120J
0.70
0.95
V
0.55
0.85
http://www.trr-jx.com
version: 02


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn