Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMB12F Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. KMB12F
Description  Surface Mount Schottky Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KMB12F Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KMB12F_V01 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB12F_V01 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2. Thermal REsistance From Junction to Ambient
1. Mounted on aluminum substrate PC board with 1.3mm
Features
                 
Mechanical Data
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2 solder pad.
Note:
30A
0
·
·
·
·
·
Schottky Brrier Chip
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to
Peak
Plastic Case Material has UL Flammability
Classification
94V-
Rating
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
· Case: MB-F, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
A
-55 to +150
-55 to +150
°C
= 90°C
KMB
( Note2)
0.1
= 100°C
V
40
20
V
Typical Thermal Resistance per leg
Average Rectified Output Current ( Note1) @T
=1.0AV
1.0
t
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
A
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
I2t Rating for Fusing (t < 8.3ms)
2
2s
Forward Voltage per element
@IF
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA
IRM
mA
j
RJA
75
°C/W
T
RMS Reverse Voltage
R(RMS)
60
80
100
14
28
42
56
70
40
20
60
80
100
0.55
0.7
0.85
10
150
105
150
200
140
200
0.98
0.05
5
0.95
TYPE NUMBER
SYMBOL
UNITS
12F
14F
16F
18F
110F
115F
120F
STG
T
Operating and Storage Temperature Range
Operating junction temperature range
J
°C
5.0
250
175
250
125F
KMB
IFSM
VFM
V
I
Typical Junction Capacitance per leg
C
KMB
KMB
KMB
KMB
KMB
KMB
MBF(GW)
KMB12F THRU KMB125F
Surface Mount Schottky Bridge Rectifiers
28
pF
A
30
http://www.trr-jx.com
version: 02


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn