Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBU10 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. KBU10
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBU10 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBU10 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBU10 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2– TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
1.0
0.01
10
100
0.4
0.8
1.0
1.2
1.4
1.6
0.6
KBU25
KBU15
KBU 35
KBU10
FIG.3– TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ = 25
°C
0.01
0.1
1.0
10
140
120
100
80
60
40
20
0
TEMPERATURE (°C)
FIG. 4 – DERATING CURVE OUTPUT RECTIFIED CURRENT
50
40
20
10
0
30
100
150
KBU35
KBU25
KBU15
KBU10
FIG. 1 – MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
KBU25/35
KBU15
KBU10
1
200
300
250
10
100
150
100
50
350
http://www.trr-jx.com
version: 02
Characteristic Curves (TA=25 ℃ unless otherwise noted)
KBU10/15/25/35
BRIDGE RECTIFIERS


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn