Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBU10 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. KBU10
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBU10 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBU10 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBU10 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU10/15/25/35
GLASS PASSIVATED
BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 10/15/25/35Amperes
FEATURES
Surge overload rating -200~300 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has UL flammability classification 94V-0
Mounting postition:Any
Mounting torgue:5 In.Ib.Max
Weight: 0.25ounces ,7.0grams
MAXIMUM RATINGS
AND ELECTRICALCHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBU
KBU
KBU
KBU
KBU
KBU
KBU
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5.0/7.5/12.5/17.5A DC
VF
V
Maximum DC Reverse Current
@ T J=25℃
at Rated DC Blocking Voltage
@ T J=125℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 100mm*100mm*1.6mm cu plate heatsink.
A
1.1
uA
500
UNIT
I(AV)
A
CHARACTERISTICS
SYMBOL
IFSM
IR
10
-55 to +150
-55 to +150
KBU
10
10
15
25
35
200
250
300
300
KBU
15
KBU
25
KBU
35
3.0
3.2
3.6
4.2
BRIDGE RECTIFIERS
http://www.trr-jx.com
version: 02
Dimensions in inches and (milimeters)
.935(23.7)
.895(22.7)
.600(16.8)
.700(17.8)
.300
(7.5)
.780(19.8)
.740(18.8)
(20.0)
0.787
MIN.
.048(1.2)DIA.
.045(1.15)TYP.
.071(1.8)
.087(2.2)
.220(5.6)
.180(4.6)
.256(6.5)
.236(6.0)
.15
X23L
(3.8
X5.7L)
HOLE THRU
(23.0)
0.906
MIN.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn