Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBP3005G Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. KBP3005G
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBP3005G Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBP3005G_V01 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBP3005G_V01 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves (TA=25 ℃ unless otherwise noted)
KBP3005G THRU KBP310G
BRIDGE RECTIFIERS
0
1.0
2.0
3.0
0
50
1
00
150
010
100
0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
TJ = 25°C
f = 1MHz
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Fw d Characteristics
F
TA= 25°C
Pulse Width
= 300 µs
Fig. 1 Forward Current Derating Curve
0
10
100
70
0
90
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fw d Surge Current
100
80
60
Pulse Width =8.3ms
Single Half Sine-Wave
(JEDEC Method)
http://www.trr-jx.com
version: 02
AMBIENT TEMPERATURE, ( C)
TA,


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn