Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6362C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6362C
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6362C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6362C Datasheet HTML 2Page - Texas Instruments PT6362C Datasheet HTML 3Page - Texas Instruments PT6362C Datasheet HTML 4Page - Texas Instruments PT6362C Datasheet HTML 5Page - Texas Instruments PT6362C Datasheet HTML 6Page - Texas Instruments PT6362C Datasheet HTML 7Page - Texas Instruments PT6362C Datasheet HTML 8Page - Texas Instruments PT6362C Datasheet HTML 9Page - Texas Instruments PT6362C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Table 2-1: Input/Output Capacitors
(1) N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
(2) Recommended Input capacitor when Vo<2.6 V; lower RMS mA required .
Capacitor Recommendations for
the PT6360 Series
of Integrated Switching Regulators
Input Capacitor:
The recommended input capacitance is determined by
1.3-A minimum ripple current rating and 560 µF mini-
mum capacitance.
Ripple current and <100 m
Ω equivalent series resistance
(ESR) values are the major considerations, along with
temperature, when designing with different types of
capacitors. Tantalum capacitors have a recommended
minimum voltage rating of 2
× (max. dc voltage + ac
ripple). This is necessary to insure reliability for input
voltage bus applications.
Output Capacitors:
The recommended ESR of the output capacitor is 150m
Ω.
Electrolytic capacitors have marginal ripple performance
at frequencies greater than 400kHz but excellent low
frequency transient response. Above the ripple frequency,
ceramic capacitors are necessary to improve the transient
response and reduce any high frequency noise components
apparent during higher current excursions. Preferred low
ESR type capacitor part numbers are identified in Table
2-1.
PT6360 Series
Tantalum Capacitors
Tantalum type capacitors can be used for the output but
only the AVX TPS, Sprague 593D/594/595 or Kemet
T495/T510 series. These capacitors are recommended
over many other tantalum types due to their higher rated
surge, power dissipation, and ripple current capability.
As a caution the TAJ series by AVX is not recommended.
This series has considerably higher ESR, reduced power
dissipation, and lower ripple current capability. The TAJ
series is less reliable than the AVX TPS series when deter-
mining power dissipation capability. Tantalum or Oscon®
types are recommended for applications where ambient
temperatures fall below 0 °C.
Capacitor Table
Table 2-1 identifies the characteristics of capacitors from
a number of vendors with acceptable ESR and ripple
current (rms) ratings. The number of capacitors required
at both the input and output buses is identified for each
capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100 kHz) are critical param-
eters necessary to insure both optimum regulator performance
and long capacitor life.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
g
t
M
e
c
a
f
r
u
S
(
K
F
/
C
F
V
5
3
V
5
2
V
5
2
V
0
5
V
5
3
0
8
6
0
3
3
0
0
0
1
0
0
0
1
0
8
6
3
4
0
.
0
0
9
0
.
0
8
3
0
.
0
3
7
0
0
0
6
0
.
0
A
m
5
5
6
1
A
m
5
5
7
A
m
0
9
6
1
A
m
0
1
6
1
A
m
0
0
1
1
5
.
2
1
× 0
2
0
1
× 5
.
2
1
6
1
× 5
1
6
1
× 5
.
6
1
5
.
2
1
× 5
.
3
1
1
R
/
N
)
1
(
1
1
1 2
(
)
1
1
1
1
1
1
8
6
V
1
C
F
U
E
E
1
3
3
E
1
C
F
U
E
E
S
2
0
1
E
1
C
F
U
E
E
M
2
0
1
H
1
K
F
V
E
E
Q
1
8
6
V
1
K
F
V
E
E
)
V
6
.
2
<
o
V
(
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
s
e
i
r
e
S
V
X
L
/
Z
X
L
)
g
t
M
e
c
a
f
r
u
S
(
Y
V
M
V
5
3
V
5
3
V
5
2
0
8
6
0
8
6
0
3
3
7
3
0
.
0
8
6
0
.
0
5
1
.
0
A
m
0
6
6
1
A
m
0
5
0
1
A
m
0
7
6
5
.
2
1
× 0
2
0
1
× 6
1
0
1
× 3
.
0
1
1
1 )
2
(
R
/
N
)
1
(
1
1
1
L
L
0
2
X
2
1
M
1
8
6
B
V
5
3
Z
X
L
L
L
0
2
X
6
1
M
2
0
1
B
V
5
3
V
X
L
V
6
.
2
<
o
V
(
)
P
T
0
1
X
0
1
M
1
3
3
C
V
5
2
Y
V
M
n
o
c
i
h
c
i
N
s
e
i
r
e
S
M
P
V
5
3
V
5
2
V
5
3
0
6
5
0
0
2
1
0
2
8
8
4
0
.
0
9
3
0
.
0
8
3
0
.
0
A
m
0
6
3
1
A
m
0
0
4
1
A
m
0
7
3
1
6
1
× 5
1
6
1
× 5
1
8
1
× 5
1
1
1
1
1
1
1
6
H
H
M
1
6
5
V
1
M
P
U
6
H
H
M
2
2
1
E
1
M
P
U
6
H
H
M
1
2
8
V
1
M
P
U
:
n
o
c
-
s
O
S
S
)
t
n
u
o
M
e
c
a
f
r
u
s
(
P
V
S
s
e
i
r
e
S
V
S
d
l
O
V
0
1
V
6
1
0
3
3
0
3
3
5
2
0
.
0
6
1
0
.
0
A
m
0
0
5
3
A
m
0
0
7
4
0
1
× 5
.
0
1
1
1
× 2
1
R
/
N
)
1
(
2
1
1
M
0
3
3
S
S
0
1
V
( o
)
V
1
.
5
<
M
0
3
3
P
V
S
6
1
m
u
l
a
t
n
a
T
X
V
A
)
t
g
t
M
e
c
a
f
r
u
S
(
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
1
.
0
6
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
L
3
.
7
× W
7
.
5
× H
1
.
4
R
/
N
)
1
(
R
/
N
)
1
(
1
1
0
0
1
0
R
0
1
0
M
7
3
3
E
S
P
T
V
( o
)
V
1
.
5
<
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
V
( o
)
V
1
.
5
<
m
u
l
a
t
n
a
T
t
e
m
e
K
s
e
i
r
e
S
5
9
4
T
/
0
2
5
T
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
1
V
3
.
6
0
3
3
0
2
2
0
4
0
.
0
7
0
.
0
A
m
0
0
6
1
A
m
0
0
0
2
>
W
3
.
4
× L
3
.
7
× H
0
.
4
R
/
N
)
1
(
R
/
N
)
1
(
1
1
S
A
0
1
0
M
7
3
3
X
0
2
5
S
A
0
0
1
0
M
7
2
2
X
5
9
4
T
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
s
e
i
r
e
S
D
4
9
5
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
10
3
35
4
0
.
0
A
m
0
6
3
2L
2
.
7
× W
6
× H
1
.
4
R
/
N
)
1
(
1T
2
R
0
1
0
0
X
7
3
3
D
4
9
5


Similar Part No. - PT6362C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6362 TI-PT6362 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6362C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com