Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6366 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6366
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6366 Datasheet(HTML) 1 Page - Texas Instruments

  PT6366 Datasheet HTML 1Page - Texas Instruments PT6366 Datasheet HTML 2Page - Texas Instruments PT6366 Datasheet HTML 3Page - Texas Instruments PT6366 Datasheet HTML 4Page - Texas Instruments PT6366 Datasheet HTML 5Page - Texas Instruments PT6366 Datasheet HTML 6Page - Texas Instruments PT6366 Datasheet HTML 7Page - Texas Instruments PT6366 Datasheet HTML 8Page - Texas Instruments PT6366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6360 Series
11 A 12-V Input Adjustable
Integrated Switching Regulator
SLTS179A - JANUARY 2003 - REVISED APRIL 2003
Standard Application
Cin
= Required 560 µF
Cout = Optional 330 µF
Ordering Information
PT6361
H = 5.0 Volts
PT6362
H = 3.3 Volts
PT6363
H = 2.5 Volts
PT6364
H = 1.8 Volts
PT6365
H = 1.5 Volts
PT6366
H = 1.2 Volts
PT6367
H = 1.0 Volts
Pin
Function
1
Inhibit*
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
(+)Sense
12
Vo Adjust
Features
12 V Input
11 A Output Current
DSP Compatible
>90 % Efficiency
Adjustable Output Voltage
On/Off Inhibit Function
Over-Current Protection
Pin-Out Information
* Denotes negative logic:
Open = Output enabled
Ground = Output disabled
Description
The PT6360 Excalibur™ series of integrated
switching regulators (ISRs) combines outstand-
ing power density with a comprehensive list of
features. They are an ideal choice for applications
where board space is a premium and performance
cannot be compromised. These modules provide up
to 11 A of output current, yet are housed in a low-
profile, 12-pin, package that is almost half the
size of the previous product generation. The inte-
gral copper case construction requires no heatsink,
and offers the advantages of solderability and a
small footprint (0.64 in² for suffix ‘N’). Both
through-hole and surface mount pin configura-
tions are available.
The PT6360 series operates from a 12-V input
bus and provides a convenient point-of-load power
source for the industry’s latest high-performance
DSPs and microprocessors. The series includes
output voltage options as low as 1.0 VDC.
Other features include external output voltage
adjustment, on/off inhibit, short circuit protection,
and an output remote sense.
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EPH)
Horizontal
A
(EPJ)
SMD
C
(EPK)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Output Remote Sense
Low-Profile (8 mm)
Small Footprint
(0.64 in², Suffix ‘N’)
Surface Mountable
IPC Lead Free 2
PT6360
V
o Adjust
V
IN
5–8
12
9–10
2–4
1
L
O
A
D
C
IN
560 µF
(Required)
C
OUT
330 µF
(Optional)
Inhibit
GND
GND
V
OUT
11
(+)Sense


Similar Part No. - PT6366

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6366 TI-PT6366 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6366

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com