Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6365 Datasheet(PDF) 11 Page - Texas Instruments

Part # PT6365
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6365 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT6365 Datasheet HTML 6Page - Texas Instruments PT6365 Datasheet HTML 7Page - Texas Instruments PT6365 Datasheet HTML 8Page - Texas Instruments PT6365 Datasheet HTML 9Page - Texas Instruments PT6365 Datasheet HTML 10Page - Texas Instruments PT6365 Datasheet HTML 11Page - Texas Instruments PT6365 Datasheet HTML 12Page - Texas Instruments PT6365 Datasheet HTML 13Page - Texas Instruments PT6365 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MECHANICAL DATA
MMSI003A – SEPTEMBER 2001 – REVISED JUNE 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
EPK (R–MSIP–G12)
METAL SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C.
D.
E. Recommended mechanical keep-out area.
F. Power pin connections should utilize two or more
vias per input, ground and output pin.
G. Vias are recommended to improve copper adhesion.
H. Solder mask openings to copper island for solder
joints to mechanical pins. Electrically connect
case to ground plane.
I. Case outline reference.
2 place decimals are
" 0.030 (" 0, 76 mm).
3 place decimals are
" 0.010 (" 0, 25 mm).
4203206/B 06/02
1
0.017 (0,43) TYP.
PC LAYOUT
0.025 (0,63)
1.71 (43,43) MAX.
0.160 (4,06) TYP.
0.100 (2,54) TYP.
0.835 (21,21)
MAX.
0.675 (17,14)
MAX.
0.315 (8,00)
0.040 (1,01) TYP.
0.032 (0,81)
TYP.
1.670 (42,42)
Note E
0.285 (7,24)
0.100 (2,54)
11 Places
0.080 (2,03)
0.280 (7,11)
0.040 (1,01)
0.505
0.050 (1,27)
12 Places
1
0.200 (5,08)
(5,33)
0.210
(12,83)
Note F
TYP.
0.100
Note H
Note G
(2,54)
0.100
0.070
(1,77)
ø0.065 (1,65) MIN. 4 Places
(2,28)
0.090
to ground plane
Plated through connected
0.140
(3,55)
(1,27)
(2,54)
0.050
0
°–6°
0.080 (2,03)
Seating Plane
0.006 (0,15)
0.017 (0,43) TYP.
0.050
(1,27)
(4,19)
0.165
1.770 (44,95)
0.050
(1,27)
0.040
(1,01)
(17,10)
0.670
Note I
SUFFIX C
Gage Plane


Similar Part No. - PT6365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6365 TI-PT6365 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com