Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4227N Datasheet(PDF) 5 Page - Texas Instruments

Part # PT4227N
Description  10-W Low-Profile 48V-Input Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4227N Datasheet(HTML) 5 Page - Texas Instruments

  PT4227N Datasheet HTML 1Page - Texas Instruments PT4227N Datasheet HTML 2Page - Texas Instruments PT4227N Datasheet HTML 3Page - Texas Instruments PT4227N Datasheet HTML 4Page - Texas Instruments PT4227N Datasheet HTML 5Page - Texas Instruments PT4227N Datasheet HTML 6Page - Texas Instruments PT4227N Datasheet HTML 7Page - Texas Instruments PT4227N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the 10W-Rated
Excalibur™ Series of Isolated DC/DC Converters
The factory pre-set output voltage of Power Trends’ 10W
Excalibur series of isolated DC-DC converters may be
adjusted over a narrow range. This is accomplished with
the addition of a single external resistor. For the input
voltage range specified in the data sheet, Table 1 gives the
allowable adjustment range for each model as Vo (min)
and Vo (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor, R2 between pin 10 (Vo adjust), and
pins 6 & 7 (–Vout).
Adjust Down:
Add a resistor (R1), between pin 10 (Vo adjust)
and pins 8 & 9 (+Vout).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, (R1) or R2.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas.
(R
1)
=
56.2 (V
a – 1.225)
– R
s
k
V
o – Va
Table 1
DC/DC CONVERTER ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
24V Bus
PT4247
PT4246
PT4241
PT4245
PT4242
PT4243
PT4244
48V Bus
PT4227
PT4226
PT4221
PT4225
PT4222
PT4223
PT4224
Rated Current 3
3A
3A
3A
3A
3A
2A
0.85A
Vo(nom)
1.3V
1.5V
1.8V
2.5V
3.3V
5.0V
12.0V
Vo(min)
1.2V
1.45V
1.7V
2.25V
2.95V
4.5V
10.8V
Vo(max)
1.4V
1.65V
1.98V
2.75V
3.65V
5.5V
13.2V
Rs (k
Ω)
340.0
243.0
243.0
187.0
187.0
110.0
49.9
Figure 1
PT4220/4240
+ V out
-V out
+V in
-V in
Remote
On/Off
V
o(adj)
1
3
5
8, 9
6, 7
10
L
O
A
D
+V
in
-V
in
+V
O
–V
O
(R1)
Adj Down
R2
Adjust Up
R
2
=
68.845
– R
s
k
V
a – Vo
Where,
V
o
= Original output voltage
V
a
= Adjusted output voltage
R
s
= Internal resistance (Table 1)
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors to Vo adjust. Any capacitance
added to the Vo adjust control pin will affect the stability of
the ISR.
3. The output power is limited to 10W. If the output
voltage is increased, the maximum load current must be
derated according to the following equation.
I
o(max)
= 10
V
a
In any instance, the load current must not exceed the
converter’s rated current (See Table 1).
PT4220/4240 Series


Similar Part No. - PT4227N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4227 TI1-PT4227 Datasheet
389Kb / 8P
[Old version datasheet]   10W Output Power
More results

Similar Description - PT4227N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com